Part Number Hot Search : 
B140L HT12F MP101 HP8657A S2A55 07024 L2000 BC6032SQ
Product Description
Full Text Search
 

To Download SCS520P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  scs0520p thru voltage 20v ~ 100v 0.5amp schottky barrier rectifiers scs05100p fea tures mechanical da t a case: molded plastic epoxy: ul 94v-0 rate flame retardant lead: axial leads, solderable per mil-std-202, method 208 guaranteed polarity: color band denotes cathode end mounting position: any high current capability extremely low thermal resistance for surface mount application higher temp soldering : 250 c for 10 seconds at terminals low forward voltage . . . . . p acka g e dimensions sod 123 p plastic p ackage maximum ratings and electrical chara cteristics rating 25 c ambient temperature unless otherwise specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. notes: 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. 2. thermal resistance junction to case. 20 30 40 60 80 100 operating temperature range t j storage temperature range t stg units type number maximum recurrent peak reverse voltage scs05100p scs0580p scs0560p scs0540p scs0530p 20 100 80 60 40 30 v working peak reverse voltage v maximum dc blocking voltag 100 80 60 40 30 v average forward current (i @ t =90 c) reak forward current (i @ 8.3ms half sine) maximum instantaneous forward voltage (v @i = 0.5a , t = 25 c) maximum dc reverse current at rated dc blocking voltage (i r @ t j = 25 c) typical junction capacitance (c ) 0.5 5.5 0.83 0.65 0.52 0.2 30 a a v ma pf f(av) fsm j f fm a j -5 0 +150 -65 +175 c c 20 0.45 scs0520p marking code scs0520p bb or b2 scs0530p bh or b3 scs0540p bj or b4 scs0560p bs csc05100p bt .112(2.85) .100(2.55) .140(3.55) .140(3.85) .071(1.80) .055(1.40) .012(0.30) .030(0.78) .010(0.25)max. .037(0.95) .053(1.35) .006(0.15)max. .006(0.15)min. pb free product
average forward rectified current - amperesversus ambient temperature - c c fig.4-peak forwaed surge current 1 100 4 0 8 peak forward surge current - amperes versus number of cycles at 60hz - cycles 2 10 20 60 80 40 12 10 8 6 4 2 c . 2 1 0 2 0 i n s t a n t a n e o u s f o r w a r d c u r r e n t - a m p e r e s v e r s u s instantaneous forward voltage - volts a m p s v o l t s v o l t s 1 2 6 1 0 2 0 6 0 4 0 4 f i g . 1 t y p i c a l f o r w a r d c h a r a c t e r i s t i c s p f . 1 2 4 1 1 0 2 0 4 0 1 0 0 2 0 0 4 0 0 1 0 0 0 fig.2-junction capacitance 4 6 2 0 1 0 . 4 . 6 . 8 1 . 0 1 . 2 1 . 4 . 0 1 . 0 2 . 0 4 . 0 6 . 1 . 2 . 4 . 6 1 2 0 a m p s . 5 s c s 0 5 8 0 p - 0 5 1 0 0 p s c s 0 5 6 0 p s p s 0 5 3 0 p - 0 5 4 0 p s c s 0 5 2 0 p 1 0 0 0 fig.3-forward derating curve 0 .2 .4 .6 150 .8 1.0 1.2 amps single phase, half wave 60hz resistive or inductive load 0 50 75 100 125 175 scs 052 0 p thru voltage 20v ~ 100v 0.5amp schottky barrier rectifiers scs 05100 p amps pb free product


▲Up To Search▲   

 
Price & Availability of SCS520P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X